Part Number Hot Search : 
UDZS10B ER1003CT IR2213S MAX14 M74HC138 CXA1016 IR381 CS520
Product Description
Full Text Search
 

To Download MSF8N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  msf8n 6 0 n - channel enhancement mode power mosfet publication order number: [ msf8n 6 0 ] ? bruckewell technology corpora tion rev. a - 2014 description the ms f 8n6 0 is a n - channel enhancement - mode mosfet , providing the designer with the best combination of fast switching, ruggedized device design, low on - resistance and cost effectiveness. the to - 220f package is universally preferred for all co mmercial - industrial applications features ? low on resistance ? simple drive requirement ? low gate charge ? fast switching characteristic ? rohs compliant package application ? open framed power supply ? adapter ? stb packing & order information 50/tu be ; 1,000/box graphic symbol m aximum ratings and electrical characteristics absolute maximum ratings (tc=25c unless otherwise noted) symbol parameter value unit v dss drain - source voltage 600 v v gs gate - source voltage 30 v i d drain curr ent - continuous (tc=25 c ) 7.5 a drain current - continuous (tc= 100 c ) 4.5 a i dm drain current pulsed 30 a e as s ingle pulsed avalanche energy 230 mj e ar repetitive avalanche energy 14.7 mj
msf8n 6 0 n - channel enhancement mode power mosfet publication order number: [ msf8n 6 0 ] ? bruckewell technology corpora tion rev. a - 2014 absolute maximum ratings (tc=25c unless otherwise noted) s ymbol parameter value unit p d power dissipation ( tc = 25 c ) 48 w derating factor above 25 c 0.38 w/ c dv/dt peak diode recovery dv/dt 4.5 v t l tl maximum temperature for soldering @ lead at 0.125 in(0.318mm) from case for 10 seconds 300 c t stg ope rating junction temperature - 55~+150 c t j storage temperature 150 c note: 1.repetitive rating; pulse width limited by maximum junction temperature. 2. ias 7.5a, v dd =50v, l=7.5mh, v g =10v, starting tj=+25c. 3. i sd 7.5a, di/dt200a/s, vddbvdss, starting tj=+25c. thermal characteristics symbol parameter max. unit s r j c thermal resistance, junction - to - case 2. 6 c /w r ja thermal resistance, junction - to - a mbient 62.5 static characteristics symbol test conditions min typ. max. unit s v gs (th) v ds = v gs , i d = 250a ds(on) v gs = 1 0 v , i d = 3.75 a -- 1.0 1.2 dss v gs = 0 v , i d = 250a dss / j i d = 250a, referenced to 2 dss v ds = 6 0 0 v , v gs = 0 v v ds = 4 8 0 v , t c = 125 c -- -- 1 10 u a i gss v g s = 30 -- -- 10 0 na dynamic characteristics symbol test conditions min typ. max. unit s q g v d d = 30 0 v,i d = 6 a, v gs = 1 0 v -- 31.3 -- nc q gs -- 6.9 -- n c q g d -- 14 -- nc t d(on) v d d = 300 v, i d = 6 a, r g = 10 , v gs = 1 0 v -- 14.2 -- ns t r -- 11.8 -- ns t d(off) -- 40.1 -- ns tf -- 18.8 -- ns
msf8n 6 0 n - channel enhancement mode power mosfet publication order number: [ msf8n 6 0 ] ? bruckewell technology corpora tion rev. a - 2014 dynamic characteristics symbol test conditions min typ. max. unit s c iss v ds = 25 v, v gs = 0 v, f = 1.0mhz -- 1482 -- pf c oss -- 121.7 -- pf c rss -- 14 -- p f source - drain diode characteristics symbol test conditions min typ. max. unit s i s v d = v g = 0 v s = 1.3 v -- -- 7.5 a i sm -- -- 30 v sd i s = 7.5 a , v gs = 0 v -- -- 1.5 v t rr i f = 6 a , v gs = 0 v , dif/dt=100a/s -- 504.9 -- ns q rr -- 47.59 -- nc *pulse test : pulse width 300s, duty cycle2%
msf8n 6 0 n - channel enhancement mode power mosfet publication order number: [ msf8n 6 0 ] ? bruckewell technology corpora tion rev. a - 2014 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. bruckewell technology inc., its affiliates, agents, an d employees, and all persons acting on its or their behalf (collectively, bruckewell), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other disclosure relating to any product. bruckewell makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, bruckewell disclaims (i) any and all liability arising out of the application or use of any product. (ii) any and all liability, including without limitation special, consequential or incidental damages. (iii) any and all implied warranties, including warranties of fitness for particular purpose, non - infringement and merchantability. statements regarding the suitability of products for certain types of applications are based on bruckewells knowledge of typical requirements that are often placed on bruckewell products in generi c applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsibility to validate that a particular product with the properties described in the product specification is suitable for use in a particular application. parameters provided in datasheets and/or specifications may vary in different applications and performance may vary over time. product specifications do not expand or otherwise modify bruckewells terms an d conditions of purchase, including but not limited to the warranty expressed therein.


▲Up To Search▲   

 
Price & Availability of MSF8N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X